Part Number Hot Search : 
S0247 12160 19KFKE SMA5937B FDW2506 AMN34112 BAV16 29450
Product Description
Full Text Search
 

To Download T3-1S2433N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T
TRUMPower
DC/DC CONVERTERS
8-pin DIP, 0.25 to 1.5 Watts
T3-N Series
MODEL NUMBER OUTPUT VOLTAGE 3.3 VDC 5 VDC 12 VDC 15 VDC 24 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 24 VDC OUTPUT CURRENT 303 200 83 67 42 152 100 42 33 21 mA mA mA mA mA mA mA mA mA mA OUTPUT POWER 1W 1W 1W 1W 1W 1W 1W 1W 1W 1W 5 VDC IN T3-1S053.3N T3-1S0505N T3-1S0512N T3-1S0515N T3-1S0524N T3-1D053.3N T3-1D0505N T3-1D0512N T3-1D0515N T3-1D0524N 12 VDC IN T3-1S123.3N T3-1S1205N T3-1S1212N T3-1S1215N T3-1S1224N T3-1D123.3N T3-1D1205N T3-1D1212N T3-1D1215N T3-1D1224N 15 VDC IN T3-1S153.3N T3-1S1505N T3-1S1512N T3-1S1515N T3-1S1524N T3-1D153.3N T3-1D1505N T3-1D1512N T3-1D1515N T3-1D1524N 24 VDC IN T3-1S243.3N T3-1S2405N T3-1S2412N T3-1S2415N T3-1S2424N T3-1D243.3N T3-1D2405N T3-1D2412N T3-1D2415N T3-1D2424N
48V input, 0.25-1.5W versions and other input/output combinations available.
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25C, Nominal Line, and Full Load Unless Otherwise Noted.
PIN PIN CONNECTIONS SINGLE -V Input +V Input +V Output -V Output No Pin DUAL -V Input +V Input +V Output Common -V Output
INPUT SPECIFICATIONS Input Voltage Range................................................10% Input Filter.........................................................Capacitor OUTPUT SPECIFICATIONS Voltage Accuracy.............................................3%, Max. Output Current.................................................See Table Line Regulation, FL.............................1.2%/%Vin, Max. Load Regulation, FL-20%FL...........................10%, Max. Ripple and Noise, 20MHz BW................100 mVp-p, Max. Short Circuit Protection..................................1 Sec. Max. GENERAL SPECIFICATIONS Efficiency...........................................................72 - 78% Isolation Voltage.............................1,000 VDC, Standard 3,000 VDC, Suffix "H" Switching Frequency.....................................80 kHz, Typ. ENVIRONMENTAL SPECIFICATIONS Operating Temperature Range................-25C to +71C Storage Temperature Range..................-40C to + 125C Cooling..............................................Free Air Convection PHYSICAL SPECIFICATIONS Dimensions....................................0.50*0.40 * 0.28 inch Weight....................................................................0.1 oz. Case Material....................Non-Conductive Black Plastic
1 4 5 7 8
0.50 (12.7) 0.20 (5.1) 78 BOTTOM VIEW 1 4 0.30 (7.6) 5
0.40 (10.16)
0.30 (7.6)
0.28 (7.0)
0.12 (3.05)
PIN SIZE: 0.02 INCH (0.5 mm) DIA. ALL DIMENSIONS IN INCHES (mm)
Rev. C -01/2008-
Tumbler Technologies + TRUMPower * Santa Clara, CA * 408-988-6616 * sales@trumpower.com * www.TRUMPower.com


▲Up To Search▲   

 
Price & Availability of T3-1S2433N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X